Part Number Hot Search : 
HT66F C2012X5R TT251N BC850T TON9211 MBZ5222B BLY53 38962
Product Description
Full Text Search
 

To Download SD1040CS-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd1020cs ? sd10100cs 1 of 3 ? 2002 won-top electronics sd1020cs ? sd10100cs 10a dpak surface mount schottky barrier rectifier features ! schottky barrier chip a c ! guard ring die construction for b j transient protection d ! high current capability ! low power loss, high efficiency ! high surge current capability e ! for use in low voltage, high frequency k inverters, free wheeling, and polarity g protection applications h  l p p mechanical data ! case: molded plastic ! terminals: plated leads solderable per mil-std-750, method 2026 ! polarity: cathode band pin 1 - + ! weight: 0.4 grams (approx.) pin 3 - case pin 2 ! mounting position: any potive ct ! marking: type number ! standard packaging: 16mm tape (eia-481) maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sd 1020cs sd 1030cs sd 1040cs sd 1050cs sd 1060cs sd 1080cs sd 10100cs unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 80 100 v rms reverse voltage v r(rms) 14 21 28 35 42 56 70 v average rectified output current @t l = 100c i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 100 a forward voltage (note 1) @i f = 5.0a v fm 0.55 0.75 0.85 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 0.2 50 ma typical junction capacitance (note 2) c j 600 pf typical thermal resistance junction to ambient r  ja 60 k/w operating temperature range t j -50 to +125 c storage temperature range t stg -50 to +150 c note: 1. mounted on p.c. board with 14mm 2 (0.13mm thick) copper pad. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors d pak/to-252aa dim min max a 6.4 6.8 b 5.0 5.4 c 2.35 2.75 d ?1.60 e 5.3 5.7 g 2.3 2.7 h 0.4 0.8 j 0.4 0.6 k 0.3 0.7 l 0.50 typical p ?2.3 all dimensions in mm pin 1 2 3
i , a v e r a g e outp ut c u r r e n t ( a ) (av) 0 2 4 6 8 1 0 10 40 60 80 100 1 20 140150 t , lead temperature (oc) fig. 1 forward current derating curve l single pulse half-wave 60 hz resistive or inductive load 1 0 0 1 0 00 2 000 0.1 1.0 10 10 0 c , c ap a c it a n c e (p f ) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25oc j f = 1mhz 0 25 5 0 7 5 1 0 0 1 2 5 1 1 0 100 i , p e a k f o r w a r d sur g e c u r r e n t (a ) fs m number of cycles at 60 hz fig. 3 maximum non-repetitive peak fwd surge current 8.3ms s ingle half sine-wave jedec method 1 1 0 2 0 4 0 0 0.5 1.0 1.5 2.0 2.5 i, n s ta n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , instantaneous forward voltage (v ) fig. 2 typical forward characteristics f 10 20 c s - 10 4 0 c s 10 5 0 c s - 10 60 c s t = 25oc pulse width = 300 s 2% duty cycle j m s d 10 20 c s ? s d 10 10 0 c s 2 of 3 ? 200 2 w on- t op e l e c t ron i cs 10 8 0 c s - 10 1 0 0 c s
sd1020cs ? sd10100cs 3 of 3 ? 2002 won-top electronics ordering information product no. ! ! ! ! package type shipping quantity sd1020cs-t3 dpak 2500/tape & reel sd1030cs-t3 dpak 2500/tape & reel SD1040CS-T3 dpak 2500/tape & reel sd1050cs-t3 dpak 2500/tape & reel sd1060cs-t3 dpak 2500/tape & reel sd1080cs-t3 dpak 2500/tape & reel sd10100cs-t3 dpak 2500/tape & reel ! t3 suffix refers to a 13? reel. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. recommended footprint 0.243 (6.172) inches ( mm ) won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com 0.165 (4.191) 0.118 (3.0) 0.190 (4.826) 0.063 (1.6) 0.100 (2.54)


▲Up To Search▲   

 
Price & Availability of SD1040CS-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X